Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 271 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 271 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 267Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 268Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 269Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 270Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 271Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 272Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 273Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 274Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 275Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
14-5
Bit 0:
Flush the code word.
The Flush CW bit is only valid during MMR compression mode. Writes
to this bit are ignored when coding/decoding is in progress, or when
decompression is selected. When the Flush CW bit is set at the end of
coding a line, it causes any data in the active T4Data FIFO to be filled
in order to make a complete halfword which can then be read by the
CPU or DMA controller. The fill bits are the opposite value of the last
CW bit, unless the non-inverted flush bit in the T4Config register is set.
In this case, the data is flushed with zeros. One halfword is always
output when the flush bit is set even if the last CW is already halfword
aligned.
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Status
(T4Status)
$01FF8174 (R)
T4 Datax
DMA Page
Boundary
T4 Datax
FIFO DMA
Acknowledge
T4 Datax
FIFO DMA
Request
Write
T4Datax
FIFO Ready
Read
T4Datax
FIFO Ready
Write
Uncoded
FIFO Ready
Read
Uncoded
FIFO
Ready
Write
Reference
FIFO
Ready
Rst. Value
00h
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Status
(T4Status)
$01FF8175 (R)
EOL
Condition
Tag Bit
non-
Consecutive
EOL/
MMREOL
Line Error
Line Error Type
All White
Line
Rst. Value
00h
Read Value
00h
Bit 15:
This a copy of the hardware signal from the DMA channel indicating
when the DMA block size has been reached and is used by the FIFO
to prevent its DMA request from being asserted if Smart EOL
Operation has been enabled via the T4 Configuration register.
Bit 14:
This is a copy of the hardware signal from the DMA channel indicating
a DMA transfer is in progress.
Bit 13:
This is a copy of the hardware signal to the DMA channel indicating
the desire to initiate a DMA transfer.
Bit 12:
The WrT4DataFIFORdy bit is set during decompression mode when
the active T4Data FIFO is not full and is cleared when the FIFO is full.
Bit 11:
The RdT4DataFIFORdy bit is set when compressed data is available
in the active T4Data FIFO. This bit is cleared when there is no data
available.
Bit 10:
The WrUncodedFIFORdy bit is set during compression mode when
the Uncoded Line FIFO is not full and is cleared when the FIFO is full.
Bit 9:
The RdUncodedFIFORdy bit is set when uncompressed data is
available in the Uncoded Line FIFO. This bit is cleared when there is
no data available.
Bit 8:
The WrRefFIFORdy bit is set during either MR/MMr compression or
decompression mode when the Reference Line FIFO is not full and is
cleared when the FIFO is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com