Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 279 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 279 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 275Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 276Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 277Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 278Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 279Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 280Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
14-13
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Data FIFO Data
Port Transfer
(T4Data1PortTfr)
$01FF814F (DW)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value:
xxh
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Data FIFO Data
Port Transfer
(T4Data1PortTfr)
$01FF814E (DW)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
xxh
Bit 15-0:
Not used.
Writing any value to this register causes the data in FIFO to push or
pop data through the FIFO data port and the FIFO Quad Halfword 1-4
registers. The FIFO operation depends on the direction of data flow. If
the compressor/decompressor is emptying the FIFO, data is
transferred from the FIFO data port register to the FIFO Quad
Halfword 1 register, simultaneously with data transfer from Quad
Halfword 1 to Quad Halfword 2, Quad Halfword 2 to Quad Halfword 3,
and Quad Halfword 3 to Quad Halfword 4, with the original data of
Quad Halfword 4 being lost. If the compressor/decompressor is filling
the FIFO, data is transferred from the FIFO Quad Halfword 1 register
to the FIFO data port register, simultaneously with data transfer from
Quad Halfword 2 to Quad Halfword 1, Quad Halfword 3 to Quad
Halfword 2, and Quad Halfword 4 to Quad Halfword 3, with the
contents of Quad Halfword 4 becoming indeterminate.
T.4 Ref. Line Data FIFO Data Port for the Uncoded data to/from the external memory:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
T.4 Ref. Line Data
FIFO Data Port
(T4RefDataPort)
$01FF815D
data bit 15
data bit 14
data bit 13
data bit 12
data bit 11
data bit 10
data bit 9
data bit 8
Rst Value
xxh
Read Value
xxh
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
T.4 Ref. Line Data
FIFO Data Port
(T4RefDataPort)
$01FF815C
data bit 7
data bit 6
data bit 5
data bit 4
data bit 3
data bit 2
data bit 1
data bit 0
Rst Value
xxh
Read Value
xxh
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
T4 Ref. Line Data
FIFO Data Port
Transfer
(T4RefDataPortTfr)
$01FF815F (DW)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value:
xxh
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
T4 Ref. Line Data
FIFO Data Port
Transfer
(T4RefDataPorTfrt)
$01FF815E (DW)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com