Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 283 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 283 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 279Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 280Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 283Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 284Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 285Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 286Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 287Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
15-3
15.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
SASCmd
01FF80F1
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
SASCmd
01FF80F0
(Not Used)
TxFIFOEnb
RxFIFOEnb
L2MSB
SASSCLKPo
l
DataLen
SASMode
Rst. Value
X0000000b
Read Value
00h
Register Description: SASIF Command Register
Bit 15-7:
Not used
Bit 6:
TxFIFOEnb
Read/Write bit.
This bit controls whether or not the 16-byte transmit FIFO is to be
used. When the TxFIFOEnb is cleared (default), the transmit FIFO will
not be used and an interrupt will be generated each time a byte is
sent. If TxFIFOEnb is set, the transmit FIFO will be used and an
interrupt will be generated only when the FIFO is completely emptied.
This should ONLY be written to during setup and not after the SASIF
has started sending or receiving data, as data loss could occur.
Bit 5:
RxFIFOEnb
Read/Write bit.
This bit controls whether or not the 16-byte receive FIFO is to be used.
When the RxFIFOEnb is cleared (default), the receive FIFO will not be
used and an interrupt will be generated for each byte received. If
RxFIFOEnb is set, then the receive FIFO will be used and an interrupt
will only be generated if the FIFO is full or a receive FIFO timeout
occurs. This should ONLY be written to during setup and not after the
SASIF has started sending or receiving data, as data loss could occur.
Bit 4:
L2MSB
Read/Write bit.
This bit controls the shifting order of the transmit and receive registers.
When the L2MSB bit is cleared (default) and the SASIF is set to the
AsyncMode or SyncMode, the transmit and receive shift register will
shift from the MSB to the LSB. When the L2MSB bit is set, the
transmit and receive register will shift from the LSB to MSB.
Bit 3:
SASSCLKPol
Read/Write bit.
This bit controls the polarity of the SASSCLK pin for the sync mode.
When the SASSCLKPol bit is cleared (default) and the SASIF is set to
AsyncMode or SyncMode, the SASSCLK polarity will be non-inverted,
which will enable the external logic to clock the SASTXD pin on the
rising edge of the SASSCLK pin. When the SASSCLKPol bit is set and
the SASIF is set to AsyncMode or SyncMode, the SASSCLK polarity
will be inverted, which will enable the external logic to clock the
SASTXD pin on the falling edge of the SASSCLK pin.
Bit 2:
DataLen
Read/Write bit.
This bit controls the number of bit for AsyncMode transmit. This bit is
not effective for the SyncMode. When the DataLen is cleared (default)
and the SASIF is set to the AsyncMode, the TxBuffer register bit 7 will
be the MSB and bit 0 will be the LSB for asynchronous transmit. The
transmit shifting order is controlled by the L2MSB bit. When the
DataLen is set and the SASIF is set to the AsyncMode, the TxBuffer
register bit 6 will be the MSB and bit 0 will be the LSB for
asynchronous transmit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com