Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 294 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 294 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 294Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 295Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 296Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 297Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 298Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-14
Conexant
100723A
Start
LSB
Stop
Wr SerData
SASTXD
SASSCLK
SASCs
TxBufEmpty
TxShfEmpty
Figure 15-4. Asynchronous Transmitter Timing
The bit capture timing above is identical whether FIFO mode is enabled or disabled. At the end of each
transmitted byte, a new byte will be loaded from the TxBuffer Register when FIFO mode is disabled, or from the
oldest valid location with the FIFO when FIFO mode is enabled. Following are the timing sequence for the
interrupt control and byte loading control for both FIFO enabled and FIFO disabled modes:
SASCSn
SASTXD
TxFIFOEnb
Txload
TxBufEmpty
TxShfEmpty
SAS DATA WR
SAS DATA WR
12
3
15 16
1
bytes
Figure 15-5. Asynchronous Transmitter byte Timing
FIFO Mode Enabled
15.3.3.1 Asynchronous Mode Receiver Timing
Once AsyncMode is set, the receiver logic will look for a falling edge in the SASRXD signal and will stay in the
receiver idle state. While SASRXD stays high, the receiver idles. When the Start bit comes, the SASIF
EdgeDetector is triggered by the falling edge. Until the next internal 8X baud rate clock arrives, the beginning of
this character is defined. Each bit has 8 8X baud rate clock pulses in it. Data is sampled on the fourth Baud8X
clock from the receiving bit boundary. See Figure 15-6.
If the sampling value of the Start bit is a logic 1, that start bit is regarded as a glitch or an invalid character, no
RxBufIRQ will be generated.
Start bit
Sampling
LSB
Baud8X
SASRXD
Figure 15-6. Asynchronous Receiver Bit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com