Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 423 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 423 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 418Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 419Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 420Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 421Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 422Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 423Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 424Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 425Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 426Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 423 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
25-1
25. Configuration
25.1 Hardware Version
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Hardware Version
(HWVer)
$01FF8045 (R)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Hardware Version
(HWVer)
$01FF8044 (R)
0:= First release
1-FF:= other releases
Rst. Value
00h
Read Value
00h
This register is used to content the hardware version number. The value in this register is 0 for first release of a
product. Whenever the hardware design is modified, this register value is incremented. This register is not
effected by any reset.
00h
MFC2000_x1 (the PQFP package)
25.2 Product Code
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Product Code
(ProductCode)
$01FF8047 (R)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Product Code
(ProductCode)
$01FF8046 (R)
Product Code:
BFh: 11626-11, with Data Modem Function, with Voice Codec/Speaker Phone Function, and with SmartDAA
support
BDh: 11626-12, with Data Modem Function, without Voice Codec/Speaker Phone Function, and with
SmartDAA support
BBh: 11626-13, without Data Modem Function, with Voice Codec/Speaker Phone Function, and with
SmartDAA support
B9h: 11626-14, without Data Modem Function, without Voice Codec/Speaker Phone Function, and with
SmartDAA support
B8h: 11626-15, without Data Modem Function, without Voice Codec/Speaker Phone Function, and without
SmartDAA support
Rst. Value
(must match
with the
product
code)
This register is not affected by any reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com