Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 418 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 418 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 414Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 415Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 416Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 417Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 418Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 419Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 420Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 421Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 422Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-32
Conexant
100723A
Table 24-12. 60ns Timing
Parameter
Symbol
Min.
Max.
Units
Ras pulse width
T
RAS
70
ns
Cas pulse width
T
CAS
20(30 for read)
ns
Ras-to-cas delay
T
RCD
40
ns
Ras precharge
T
RP
50
ns
Cas precharge
T
CP
40
ns
Column address setup
T
ASC
10
ns
Column address hold
T
CAH
30
ns
Row address setup
T
ASR
10
ns
Row address hold
T
RAH
20
ns
Fast page mode cycle
T
PC
60
ns
Ras-to-ras delay
T
RC
120
ns
Data setup time
T
DS
20
ns
Data hold time
T
DH
30
ns
Table 24-13. 50ns Timing
Parameter
Symbol
Min.
Max.
Units
Ras pulse width
T
RAS
70
ns
Cas pulse width
T
CAS
20(30 for read)
ns
Ras-to-cas delay
T
RCD
30
ns
Ras precharge
T
RP
50
ns
Cas precharge
T
CP
20(10 for read)
ns
Column address setup
T
ASC
10
ns
Column address hold
T
CAH
20(30 for read)
ns
Row address setup
T
ASR
10
ns
Row address hold
T
RAH
20
ns
Fast page mode cycle
T
PC
40
ns
Ras-to-ras delay
T
RC
120
ns
Data setup time
T
DS
20
ns
Data hold time
T
DH
30
ns
Note: The most notable difference between the 50ns and 60ns timing is the Tpc parameter.
During bursts, 50ns is able to perform much faster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com