Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 417 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 417 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 413Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 414Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 415Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 416Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 417Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 418Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 419Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 420Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 421Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-31
Table 24-10. Timing Parameters for 16-bit SDRAM Read and Write
Parameter
Symbol
Min.
Max.
Units
Clock Period
T
CLK
10
ns
Ras precharge time
T
RP
3 (5 for single access)
T
CLK
Mode register set to Active delay
T
RSC
4T
CLK
Ras cycle time
T
RC
12
T
CLK
Ras-to-cas delay
T
RCD
3T
CLK
Data-in to Pre command period
T
DPL
2 (4 for single access)
T
CLK
Table 24-11. Timing Parameters for 8-bit SDRAM Read and Write
Parameter
Symbol
Min.
Max.
Units
Clock Period
T
CLK
10
ns
Ras precharge time
T
RP
5 (5 for single access)
T
CLK
Mode register set to Active delay
T
RSC
4
T
CLK
Ras cycle time
T
RC
12
T
CLK
Ras-to-cas delay
T
RCD
3
T
CLK
Data-in to Pre command period
T
DPL
3 (3 for single access)
T
CLK
D1
D2
D3
D4
ROW
COL1
COL2
COL3
COL4
sdcasn
sdrasn
sdwrn
(write cycle)
sdaddr[12:0]
sddata[15:0]
(write cycle)
Trcd
Trah
Tras
Trp
Trc
Tcas
Tcah
Tcp
Tpc
Tds
Tdh
Tasr
Tasc
Figure 24-6. FPDRAM Timing (Read or Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com