Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 413 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 413 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 409Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 412Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 413Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 414Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 415Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 416Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 417Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-27
As seen in the preceding tables, special care must be taken when connecting a FPDRAM or SDRAM to the
MFC2000 for use with (S)DRAMC. In summary, when using FPDRAMs, A[8:0] of the DRAM should be connected
to MA[8:0] of the (S)DRAMC. A[11:9] of the DRAM should be connected to MA[12:10] of the (S)DRAMC.
When using SDRAMs, for 64 Mb type, A[8:0] of the SDRAM should be connected to MA[8:0] of the (S)DRAMC.
A[9] of the SDRAM should be connected to MD0 of the (S)DRAMC. A[13:10] of the SDRAM should be connected
to MA[12:9] of the (S)DRAMC. Consequently, the MD0 pin out of the (S)DRAMC is time multiplexed with address
information during the row address portion of a SDRAM access and contains data information during the column
address portion of a SDRAM access. This was done to conserve pin usage of the MFC2000. For the same
reason, any DQM pins of an SDRAM should be connected to ground. The CKE pin of the SDRAM should be
connected high.
Also, if two bank 64Mb SDRAM is being used (the chart describes four bank), MA[11] should be connected to
EA[12] since there will only be one bank pin (as compared to the four bank SDRAM in which there are two bank
pins).
For board layout: In order to maintain low delay and minimized crosstalk, the SDRAM should be placed no
farther than 0.5 inch from the MFC2000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com