Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 414 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 414 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 412Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 413Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 414Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 415Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 416Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 417Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 418Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-28
Conexant
100723A
24.8 Register Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
DRAM
Configuration
0x01FF8281
NA
NA
NA
NA
NA
NA
NA
NA
Rst. Value
‘h00
Read Value
‘h00
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
DRAM
Configuration
0x01FF8280
NA
NA
NA
CDRAM
Clock Enable
Configuration Code
Rst. Value
‘h00
Read Value
‘h00
This register contains the information necessary to decide whether DRAM or SDRAM is being used, the size of
memory being used, and whether an 8- or 16-bit DRAM is being used. This register should be written to ONCE
and only once as the CDRAM may not work properly if this is written to a second or more times. In
addition, most RAMs require a minimum of 100us delay before use in order for the RAM to stabilize, but some
others require more time. To properly use the RAM, this register should be written to ONLY after the appropriate
delay for that particular RAM is met. Writing to this register will cause the CDRAM to perform the proper ammount
of refreshes, the precharge, and mode set necessary for correct startup of DRAM or SDRAM.
Bit 15-5
Bit 4
CDRAM Clock Enable
This bit enables or disables the CDRAM external clock. When
using FPDRAM, the clock does not need to be enabled.
0: Enable
1: Disable
Bit 3-0
DRAM Type
Configuration Code
SDRAM 8-bit 16 Mb
0010
SDRAM 8-bit 64 Mb
0110
SDRAM 16-bit 16 Mb
0000
SDRAM 16-bit 64 Mb
0100
FPDRAM 60ns 16 Mb (10x10)
0111
FPDRAM 60ns 16 Mb (12x8)
0011
FPDRAM 60ns 64 Mb (12x10)
0111
FPDRAM 50ns 16 Mb (10x10)
1111
FPDRAM 50ns 16 Mb (12x8)
1011
FPDRAM 50ns 64 Mb (12x10)
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com