Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 412 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 412 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 408Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 409Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 412Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 413Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 414Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 415Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 416Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-26
Conexant
100723A
Table 24-7. Untitled table
Address
Multiplexing
Register
DRAM 16 or 64 Mb
(16 bit data bus)
12 x 10 or 10 x 10
1
DRAM 16 Mb
(16 bit data bus)
12 x 8
Physical Address
ROW
COL.
ROW
COL.
MA[12]/EA[11]
A[21]
0
A[19]
0
MA[11]/EA[10]
A[20]
0
A[18]
0
MA[10]/EA[9]
A[19]
A[9]
A[17]
0
MA[8]/EA[8]
A[18]
A[8]
A[16]
0
MA[7]/EA[7]
A[17]
A[7]
A[15]
A[7]
MA[6]/EA[6]
A[16]
A[6]
A[14]
A[6]
MA[5]/EA[5]
A[15]
A[5]
A[13]
A[5]
MA[4]/EA[4]
A[14]
A[4]
A[12]
A[4]
MA[3]/EA[3]
A[13]
A[3]
A[11]
A[3]
MA[2]/EA[2]
A[12]
A[2]
A[10]
A[2]
MA[1]/EA[1]
A[11]
A[1]
A[9]
A[1]
MA[0]/EA[0]
A[10]
A[0]
A[8]
A[0]
1. In the 10x10 version, MA[11] and MA[12] will be left unconnected
Table 24-8. Untitled table
Memory Size/Type
Supported/Not
Supported
Row/Column Configuration
Row
Column
512K x 16 x 2 bank
SDRAM (16 Mb)
Supported
11
2 banks (1 bit)
8
1M x 8 x 2 bank SDRAM
(16 Mb)
Supported
11
2 banks (1 bit)
9
1M x 16 x 4 bank
SDRAM (64 Mb)
Supported
12
4 banks (2 bits)
8
2M x 8 x 4 bank
SDRAM (64 Mb)
Supported
12
4 banks (2 bits)
9
2M x 16 x 2 bank
SDRAM (64 Mb)
Supported
13
2 banks (1 bit)
8
4M x 8 x 2 bank
SDRAM (64 Mb)
Supported
13
2 banks (1 bit)
9
1M x 16 DRAM
Supported
12
8
(16 Mb)
Supported
10
10
4M x 16 DRAM
Supported
12
10
(64 Mb)
Not Supported
13
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com