Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 408 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 408 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 404Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 405Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 406Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 407Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 408Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 409Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 412Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-22
Conexant
100723A
24.6 VIDEO/SCANNER INTERFACE
24.6.1 Function Description
The Video/Scan Interface connects the Video/Scan Controller to the SDRAM via DMA cycles. This interface has a
unidirectional data flow: Video/Scan Controller to SDRAM. It consists of two 64 halfword buffers that ping-pong,
address counters for Video/Scan Controller input, and CDRAM output and byte to halfword assembly.
The Video/Scan Controller transmits a single line when attached to the scanner input or a single frame when
attached to the video input. In either case, the Video/Scan Controller data flow is as follows:
1.
The Video/Scan Controller initiates a transfer by a single high-going pulse on the start signal to VSI .
2.
As each analog sample becomes available, it is placed on the VSC output bus and the data ready signal is
pulsed high to VSI. In the case of video capture, it is expected that the data ready signal will remain high for
long periods of time as video data is available at each rising edge of the data clock. In the case of scanner
capture, it is expected that the data ready signal will be inactive for several data clocks between successive
pixels.
3.
As the Video/Scan Interface receives data from the Video/Scan Controller, it is assembled into halfwords and
then stored into one of the two ping-pong buffers. When the buffer is filled, data storing is switched to the
remaining buffer and a signal is passed to the opposite side of the interface indicating a buffer is available for
transfer.
4.
The Video/Scan Controller terminates the transfer by a single high-going pulse on the stop signal.
5.
On the Countach Bus Subsystem side of the Video/Scan Interface, the data flow is as follows:
6.
A pulse is received from the Video/Scan Controller side of the Video/Scan Interface indicating a buffer is
available for transfer.
7.
VSI asserts the DMA request signal to CBU. The sequencial DMA signal is also asserted if the buffer contains
more than one halfword of data.
8.
Once the DMA acknowledge signal is detected, transfer begins, one data being transferred for each SDRAM
ready pulse.
24.6.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Video/Scanner
Interface Mode
(VSIMode)
$01FF8289
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Video/Scanner
Interface Mode
(VSIMode)
$01FF8288
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Video/Scanner
DMA Hog
Mode[1]
Video/Scanner
DMA Hog
Mode[0]
Rst Value
xxxxxx00b
Read Value
00h
Bit 15-2
Not used
Bit 1-0
The Video/Scanner DMA Hog Mode field is used to throttle and/or
disable other DMA masters during video capture. It has the following
settings:
Hog Mode
Countach Subsystem Interface
Arm Bus Interface
0
Burst and single DMA allowed
Burst and single DMA allowed
1
No burst – single DMA only
No burst – single DMA only
2
No DMA allowed
No burst – single DMA only
3
No DMA allowed
No DMA allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com