Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 407 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 407 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 403Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 404Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 405Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 406Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 407Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 408Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 409Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-21
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ARM Bus C2A
Throttle
(Abc2aThrottle)
$01FF82A7
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
ARM Bus
Output
Throttle[10]
ARM Bus
Output
Throttle[9]
ARM Bus
Output
Throttle[8]
Rst. Value
xxxxx000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ARM Bus C2A
Throttle
(Abc2aThrottle)
$01FF82A6
ARM Bus
Output
Throttle[7]
ARM Bus
Output
Throttle[6]
ARM Bus
Output
Throttle[5]
ARM Bus
Output
Throttle[4]
ARM Bus
Output
Throttle[3]
ARM Bus
Output
Throttle[2]
ARM Bus
Output
Throttle[1]
ARM Bus
Output
Throttle[0]
Rst Value
00h
Read Value
00h
Bit 15-11
Not used
Bit 10-0
ARM Bus Interface Output (C2A) DMA Throttle value
A value of zero indicates no throttle. A value of 3FFh indicates 2047
Countach Bus Subsystem clocks (25 MHz) between successive DMA
acknowledges.
24.5.3 Firmware Operation
CDMA Channel 0 Setup and Operation
1.
Program the DMA Controller
•
Select Mode
•
For Video Mode set up Address Register 2
•
Write Jump Value
•
Write Address Register 1. This will also initialize the channel by setting up the Address Holder and
Address Counter.
2.
Operation
•
At the end of each line of data the vsi_eol will pulse, causing the holder value to be added to the jump
value and placed back into the Address Holder.
•
For Video Mode, multiple vsi_eols will occur, then a vsi_eof. Upon the 1
st vsi_eof, the Address Register2
will be loaded into the holder and counter.
•
Additional vsi_eols will occur and then a 2
nd vsi_eof. Upon the 2st vsi_eof the IRQ will be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com