Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 409 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 409 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 405Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 406Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 407Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 408Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 409Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 412Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 413Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
24-23
24.6.3 Internal Memory
The Video/Scanner Interface contains two 64x16 buffers for DMA transfers from the Video/Scanner Controller and
the Countach SDRAM. The buffers can be accessed by the ARM as halfwords only.
The two buffers are located at the following address:
Ping pong buffer 1: $01FFA400
$01FFA47F
Ping pong buffer 2: $01FFA480
$01FFA4FF
ARM access to the VSI buffers is provided for diagnostic purposes only and should not be used as part of normal
operation. When the ARM makes an access to the buffers, the ARM is held off and clock domain synchronization
occurs before the access is completed. As a result, a significant wait state penalty is incurred.
24.7 (S)DRAM Controller ((S)DRAMC)
24.7.1 Function Description
The (S)DRAM Controller is used to communicate between the Countach Bus Unit (CBU) and external FPDRAM
or SDRAM memory. This memory will primarily be used for reading and writing large amounts of sequential data
necessary for carrying out the programs running on the Countach Imaging DSP core. Whether DRAM or SDRAM
is used is an option, but only one memory unit is accessible to the memory controller.
The (S)DRAMC state machine uses a 100Mhz or 87.5Mhz clock to control the SDRAM and DRAM. The CBU will
communicate with (S)DRAMC at 25 Mhz or 21.875Mhz, so all data received from either RAM type must be
synchronized to this speed before sent to the CBU. A third clock, an inverted version of the 100Mhz or 87.5Mhz
clock, will be sent to the SDRAM memory. In this document, 100Mhz clock will be used for all descriptions. From
the timing point of view, 87.5Mhz will be covered if it meets 100Mhz requirements.
The supported DRAM characteristics are listed in the following table:
Table 24-4: Supported FPDRAM Chip Characteristics
Addressing Size:
2 MB, 8 MB
Organization:
16 bits
Access Speed:
50 ns, 60 ns
Table 24-5: Supported SDRAM Chip Characteristics
Addressing Size:
2 MB, 8 MB
Organization:
8 bits or 16 bits
Access Speed:
10 ns
The maximum memory size that is supported for either memory type is 8MB. Six possible row/column pinouts
types are supported. A more detailed description can be found in the address multiplexing table.
SDRAM will always be used in burst mode, with one access per burst. The CAS latency will be set to 3 cycles
which is normal for SDRAM running at 100MHz. The two possible sizes and two possible organizations are
programmable in the (S)DRAMC control register.
Fast page mode DRAMs (50ns and 60ns) are supported. The speed requirement is due to the bandwidth
requirements of the Countach Imaging DSP. The DRAMS will be used in both fast page burst mode and single
access mode. The two possible densities which are supported are programmable in the (S)DRAMC control
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com