Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 100Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 101Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 102Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 103Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 104Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 105Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 106Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 107Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 104 of 109
MB96F347YSB PQC-GSE2
Flash A (416KB)
No
Yes
100 pin Plastic QFP
(FPT-100P-M22)
MB96F347RSB PQC-GSE2
No
MB96F347YWB PQC-GSE2
Yes
Yes
MB96F347RWB PQC-GSE2
No
MB96F347YSB PMC-GSE2
No
Yes
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F347RSB PMC-GSE2
No
MB96F347YWB PMC-GSE2
Yes
Yes
MB96F347RWB PMC-GSE2
No
MB96F348YSB PQC-GSE2
Flash A (544KB)
No
Yes
100 pin Plastic QFP
(FPT-100P-M22)
MB96F348RSB PQC-GSE2
No
MB96F348YWB PQC-GSE2
Yes
Yes
MB96F348RWB PQC-GSE2
No
MB96F348YSB PMC-GSE2
No
Yes
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F348RSB PMC-GSE2
No
MB96F348YWB PMC-GSE2
Yes
Yes
MB96F348RWB PMC-GSE2
No
MB96F348TSC PQC-GSE2
Flash A (544KB)
Flash B (32KB)
No
Yes
100 pin Plastic QFP
(FPT-100P-M22)
MB96F348HSC PQC-GSE2
No
MB96F348TWC PQC-GSE2
Yes
Yes
MB96F348HWC PQC-GSE2
No
MB96F348TSC PMC-GSE2
No
Yes
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F348HSC PMC-GSE2
No
MB96F348TWC PMC-GSE2
Yes
Yes
MB96F348HWC PMC-GSE2
No
MB96V300BRB-ES(for evaluation)
Emulated by ext. RAM
Yes
No
416 pin Plastic BGA
(BGA-416P-M02)
18.1
MCU with CAN Controller
Part number
Flash/ROM
Subclock
Persistent
Low Volt-
age Reset
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com