Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 101Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 102Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 103Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 104Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 105Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 106Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 107Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 108Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 109Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 105 of 109
[1]: These devices are under development and specification is preliminary. These products under development may change its
specification without notice.
This datasheet is also valid for the following outdated devices:
MB96F346YSA, MB96F346RSA, MB96F346YWA, MB96F346RWA,
MB96F347YSA, MB96F347RSA, MB96F347YWA, MB96F347RWA,
MB96F348YSA, MB96F348RSA, MB96F348YWA, MB96F348RWA,
MB96F348TSB, MB96F348HSB, MB96F348TWB, MB96F348HWB,
MB96F346ASA, MB96F346AWA,
MB96F347ASA, MB96F347AWA,
MB96F348ASA, MB96F348AWA,
MB96F348CSB, MB96F348CWB
18.2
MCU without CAN Controller
Part number
Flash/ROM
Subclock
Package
MB96F346ASB PQC-GSE2
Flash A (288KB)
No
100 pin Plastic QFP
(FPT-100P-M22)
MB96F346AWB PQC-GSE2
Yes
MB96F346ASB PMC-GSE2
No
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F346AWB PMC-GSE2
Yes
MB96F347ASB PQC-GSE2
Flash A (416KB)
No
100 pin Plastic QFP
(FPT-100P-M22)
MB96F347AWB PQC-GSE2
Yes
MB96F347ASB PMC-GSE2
No
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F347AWB PMC-GSE2
Yes
MB96F348ASB PQC-GSE2
Flash A (544KB)
No
100 pin Plastic QFP
(FPT-100P-M22)
MB96F348AWB PQC-GSE2
Yes
MB96F348ASB PMC-GSE2
No
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F348AWB PMC-GSE2
Yes
MB96F348CSC PQC-GSE2
Flash A (544KB)
Flash B (32KB)
No
100 pin Plastic QFP
(FPT-100P-M22)
MB96F348CWC PQC-GSE2
Yes
MB96F348CSC PMC-GSE2
No
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F348CWC PMC-GSE2
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com