Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 106 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 106 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 101Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 102Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 103Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 104Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 105Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 106Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 107Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 108Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 109Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 106 of 109
19. Revision History
Revision
Date
Modification
Prelim 1
2007-05-07
Creation
Prelim 2
2007-05-10
External bus hold timing update
Prelim 3
2007-05-23
Electrical characteristics updates
Prelim 4
2007-08-02
Electrical characteristics updates, Product lineup, changes and ordering information
Prelim 5
2007-09-12
Addition of the electrical characteristic examples and the LVD characteristics specifications,
updates of the DC characteristics. Pin circuit type drawing modifications.
Prelim 6
2007-11-21
LVD typo correction.
Update of the DC characteristics. Typos corrections.
Prelim 7
2007-12-04
Absolute maximum rating asterisks numbering corrected.
Typos page 59: Hardware -> Hardware.
IO map table regenerated.
Typos corrections.
IO circuit drawings modified.
Renaming of the Main/Satellite Flash into Flash memory A/B.
Memory map reworked.
Prelim 8
2008-02-04
■ Satellite Flash -> 32kB Data Flash
■ MB96345 added (under development)
■ MB96F348 TSA/HSA/TWA/HWA removed (outdated devices)
■ Block diagram and pin assignment corrected (existing resource pins)
■ Pin function table corrected
■ I/O circuit type diagrams corrected
■ Memory map cleaned up
■ "Flash sector configuration" replaced by corrected "User ROM Memory map for Flash devices",
“ROM configuration” replaced by “User ROM Memory map for Mask ROM devices”
■ Parallel Flash programming pinning removed
■ IO map table regenerated:
❐ Port register: Naming style corrected
❐ Memory control registers renamed (Main/Sat -> A/B)
❐ addresses after 000BFFh removed
■ Absolute maximum ratings: Pd and Ta specified more precisely
■ oscillator input levels in oscillation mode with external clock added
■ Run and Sleep mode currents: 96/48MHz and 72/36MHz settings added
■ Run mode current spec in 48/24MHz mode corrected
■ Maximum CLKS1/2 frequency for all devices correctly specified
■ Maximum CLKP2 for MB96F34xY/R/Axx corrected
■ External bus timings: missing conditions added and readability improved
■ Alarm comparator spec updated (transition voltages defined)
■ MB96V300A removed
■ Ordering information updated
■ Typos and formatting corrected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com