Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 101Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 102Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 103Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 104Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 105Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 106Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 107Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 108Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 109Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 107 of 109
9
2009-01-09
■ Format adjusted to official Cypress datasheet standard (mainly style changes and official notes
and disclaimer added)
■ Numbering of Electrical Characteristics subchapters automated
■ Note about devices under development modified
■ I/O map: Note added about reserved addresses
■ ICCSPLL for CLKS1=96MHz mode: increased by 1mA
■ Serial programming interface: Note about handshaking pins improved
■ specified AD converter channel offset to 4LSB
■ package code of MB96V300 corrected in ordering information
■ Added voltage condition to pull-up resistance spec
■ Lineup: Term “Data Flash” replaced by “independent 32KB Flash”
■ Ordering information: column “Independent 32KB Data Flash” replaced by new column
“Flash/ROM”, column “Remarks” removed
■ Official package dimension drawing with additional notes added
■ Empty pages removed
■ Alarm comparator: Power supply current max values increased, comparison time reduced, mode
transition time and power-up stabilization time newly added
■ Handling devices: Notes added about Serial communication and about using ceramic resonators.
■ Feature list and AC Characteristics: 16MHz maximum frequency is valid for crystal oscillators. For
resonators, maximum frequency depends on Q-factor
■ AC characteristics: PLL phase skew spec added, CLKVCO min=64MHz
■ VOL3 spec improved: spec valid for 3mA load for full Vcc range
■ MB96F345 added
■ Preliminary DC spec of MB96345/346 added
■ Permitted power dissipation of Flash devices in QFP package improved
■ C-Pin cap spec updated: 4.7uF-10uF capacitor with tolerance permitted
■ “Preliminary” watermark removed
10
To be
released
■ I/O map: IOABK0-5 added at address 000A00H-000A05H
■ Ordering Information: Suffix “A” added to all MB96F345 device versions
■ AD converter IAIN spec improved: 1uA valid up to 105deg, 1.2uA above 105deg
Revision
Date
Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com