Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 11Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
10
Data Book
VISION
It is AMCC’s vision to be the premier supplier of silicon
for high bandwidth connectivity solutions for the world-
wide networking infrastructure.
CORPORATE OVERVIEW
AMCC defines, develops, manufactures and markets
application specific standard products (ASSPs) and
customer specific integrated circuits (CSICs) for high
speed, high performance network interface applica-
tions. Utilizing CMOS, BiCMOS and proprietary
MicroPower Bipolar technology, AMCC provides preci-
sion circuits and interface solutions for Gigabit
Ethernet, ATM, SONET, Fibre Channel and PCI
markets.
Since 1979, AMCC has designed and produced five
generations of semicustom bipolar ECL logic arrays
and two generations of BiCMOS logic arrays. AMCC
expertise includes its mixed ECL/TTL interface,
phase-locked loop (PLL), precision vernier, skew con-
trol, high-speed VCO and controlled edge rate TTL
outputs.
AMCC Product Development Strategy
AMCC’s product development strategy utilizes the
company’s expertise in the telecommunications, data
communications, ATE, computer and military markets.
Initially ASSPs are defined based on key industry
standards. Then, as additional applications are identi-
fied, derivative products based on the “cores” of the
original devices are introduced. These “cores” are
then made available for high volume proprietary cus-
tomer specific designs. This is all made possible by
our emphasis on using ASIC techniques and method-
ologies to develop the original products.
Network Interface Products
High performance network interface encompasses a
wide range of applications, all requiring data transmis-
sion rates from >100 Mbit per second to over 9.6 Gbit
per second. These applications include Local Area
Networks (LAN), Hubs, Routers and Switches, Wide
Area Networks (WAN) based on SONET standards,
RAID-based storage systems, serial backplane for
high performance switches and digital video broad-
casting systems.
Figure 2. AMCC Product Development Strategy
Derivative
Consumer
Auto
Industrial
Military
ATE
Datacom
ASIC
Methodology
Telecom
Customer
Specific
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com