Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 31 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 31 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
31
Data Book
ADD-ON BUS AND S5920 CONTROL SIGNALS
The following sets of signals represent the interface signals available for the user Add-On bus and S5920 control.
Table 16. Serial nvRAM Interface Signals
Signal
Type
Description
SCL
o/d-out
Serial Clock. This clock provides timing for all transactions on the two-wire serial bus. The S5920 drives
this signal when performing as a serial bus master. SCL operates at the maximum allowable clock
speed and enters the high Z state when FLT# is asserted or the serial bus is inactive.
SDA
o/d
Serial Data/Address. This bi-directional signal carries serial address and data information between
nvRAMs and the S5920. This pin enters high Z state when FLT# is asserted or the serial bus is inactive.
Pin 135
in
Reserved. Must be left open.
Table 17. Direct Mailbox Access Signals
Signal
Type
Description
MDMODE
in
Mailbox Data Mode. The MD[7:0] signal pins are always inputs when this signal is high. The MD[7:0]
signal pins are defined as inputs and outputs under LOAD# control when MDMODE is low. This pin is
provided for software compatibility with the S5933. New designs should permanently connect this sig-
nal low. This signal is connected to an internal pull-up.
LOAD#
in
MD[7:0] is defined as an input bus when this signal is low. The next rising edge of the ADCLK will latch
MD[7:0] data into byte three of the Add-On outgoing mailbox. When LOAD# is high and MDMODE is
low, MD[7:0] are defined as outputs displaying byte three of the PCI outgoing mailbox. This signal is
connected to an internal pull-up.
MD[7:0]
t/s
Mailbox Data bus. The mailbox data registers can be directly accessed using the LOAD# and
MDMODE signals. When configured as an input, data byte three of the PCI incoming mailbox is
directly written to from these pins. When configured as an output, data byte three of the PCI outgoing
mailbox is output to these pins. All MD[7:0] signals have an internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com