Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 25 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 25 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 29Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
25
Data Book
MAILBOX OPERATION
The mailbox registers are divided into two 4-byte sets.
Each set is dedicated to one bus for data transfer to
the other bus. Figure 3 shows a block diagram of the
mailbox section of the S5920. The provision of mailbox
registers provides data or user defined command/sta-
tus transfer capability between two buses. An empty/
full indication for each mailbox register, at the byte
level, is determined by polling a status register acces-
sible to both the PCI and Add-On buses. Providing
mailbox byte level full indications allows greater flexi-
bility in 8-, 16-or 32-bit designs; i.e., transferring a
single byte in 8-bit Add-On bus without requiring the
assembly or disassembly of 32-bit data.
A mailbox byte level interrupt feature for PCI or Add-
On buses is provided. Bit locations configured within
the S5920 operation registers can select which mail-
box byte is to generate an interrupt when the mailbox
is written to. Interrupts can be generated to the PCI or
Add-On buses. PCI bus interrupts may also be gener-
ated from direct hardware interfacing due to a unique
S5920 feature. The Add-On mailbox is hardware
accessible via a set of dedicated device pins. A single
load pulse latches data into the mailbox generating an
interrupt, if enabled.
PASS-THRU OPERATION
Pass-Thru region accesses can execute PCI bus
cycles in real time or through an internal FIFO. Real
time operation allows the PCI bus to directly read or
write to Add-On bus resources. The S5920 allows the
designer to declare up to four individual Pass-Thru
regions. Each region may be defined as 8, 16 or 32
bits wide, mapped into memory or I/O system space
and may be up to 512 MB in size. Figure 4 shows a
ba sic b l ock diag ra m of the S592 0 Pass-T h ru
architecture.
Host communications to the Pass-Thru data channel
utilizes dedicated Add-On bus pins to signal that a PCI
read or write has been requested. User logic decodes
these signals to determine if it must read or write data
to the S5920 to satisfy the PCI request. Information
decoded includes: PCI read/write transaction request,
the byte lanes involved, the specific Pass-Thru region
accessed and whether the request is a burst or single
cycle access.
Pass-Thru operation supports single PCI data cycles
and PCI data bursts. During PCI burst operations, the
S5920 is capable of transferring data at the full PCI
bandwidth. Should slower Add-On logic be imple-
mented, the S5920 will issue a PCI bus retry until the
requested transfer is completed.
Figure 4. Mailbox Block Diagram
Mailbox
Byte 0
Mailbox
Byte 1
Mailbox
Byte 2
Mailbox
Byte 3
Mailbox Status
Register
Mailbox
Byte 0
Mailbox
Byte 1
Mailbox
Byte 2
Mailbox
Byte 3
32
88
8
8
88
8
8
Add-On
Decode
Control
32
PCI
Decode
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com