Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 55 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 52Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 53Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 54Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 55Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 59Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
55
Data Book
Figure 18. Base Address Register - I/O
Bit
Description
31:2
Base Address Location. These bits are used to position the decoded region in I/O space. Only bits which return
a 1 after being written as 1 are usable for this purpose. Except for Base Address 0, these bits are individually
enabled by the contents sourced from the external nvRAM.
1
Reserved. This bit should be 0. (Note: disabled Base Address Registers will return all 0s for the entire register
location, bits 31 through 0).
0
Space Indicator = 1. When 1, this bit identifies a base address region as an I/O space and the remaining bits in
the base address register have the definition as shown in Figure 18.
Base Address
I/O Space
Indicator (RO)
Reserved (RO)
0
1
2
31
1
0
Programmable (R/W)
Bit
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com