Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
21
Data Book
See Network Products data book or http://www.amcc.com.
See Network Products data book or http://www.amcc.com.
Table 9. Clock Generator and Synthesizer Products
Output Frequency with Respect to Input Frequency
P/N
Description
Input
Reference
Number
Type
Maximum
Frequency
Minimum
Delay Adjust
Increment
Number of
Selectable
Output
Relationships
S4402
Multiphase Clock
Generator
TTL
6
TTL
80
3.2ns
21
4403
Multiphase Clock
Generator
TTL
10
TTL
80
3.2ns
21
4405
Multiphase Clock
Generator
PECL/TTL
6 1
TTL PECL
80 160
3.2ns -
21 -
S4406
Clock Generator
with delay Adj.&
Invert
TTL
12
TTL
66
4 ns @ 66 MHz
7x4 Banks of 3
Outputs
4503
Clock Synthesizer
XTAL
2 1
TTL PECL
80 300
N/A
Multiply 2-32
Divide 2-16
S4506
S4507
RAMBUS-TM Com-
patible Clock Gener-
ator
XTAL
2
Rambus
Compatible
250 300
N/A
1
Table 10. ASIC Standard Cell Products
Family
Name
Technology
Operating
Speed
Equivalent
Gates
Number
of I/O
Analog Functions
Power
Supplies Options
Micro-power
1 Micron Bipolar
Up to 2.5GHz
Up to 4000
Up to 200
• 2.5 GHz PLL
• 1 GHz Timing
Vernier
• Custom Analog
•+5V
•+5V/-5V
•-5V
•+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com