Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 96 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 96 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 100Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
96
Data Book
A 16-bit pointer at location 18h of the PC expansion
ROM identifies the start offset of the PCI data struc-
ture. The PCI data structure is shown in Table 3 and
contains various vendor, product, and program
descriptions. This structure is provided here for refer-
ence only - the user should refer to the PCI BIOS
specification for complete details.
Note: The access time for large serial devices should
be considered, since it may cause a lengthy system
delay during initialization. For example, a 2 Kbytes
serial device will take about 1 second to be read. Many
systems, even when BIOS ROMs are ultimately shad-
owed into system RAM, may read this memory space
twice (once to validate its size and checksum, and
once to move it into RAM).
Table 51. PCI Data Structure
Byte Offset
Byte Length
(decimal)
Binary Value
Description
0h
4
ÔPCIRÕ
Signature, the ASCII string ÔPCIRÕ where ÔPÕ is at offset 0, ÔCÕ at off-
set 1, and so on
4h
2
variable
Vendor Identification
6h
2
variable
Device Identification
8h
2
variable
Pointer to Vital Product Data
Ah
2
variable
PCI Data Structure Length (starts with signature field)
Ch
1
variable
PCI Data Structure Revision (=0 for this definition)
Dh
3
variable
Class Code
10h
2
variable
Image Length
12h
2
variable
Revision Level
14h
2
variable
Code Type
15h
1
variable
Indicator (bit D7=1 signifies “last image”)
16h
2
0000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com