Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
37
Data Book
VENDOR IDENTIFICATION REGISTER
(VID)
This register is reserved for the manufacturer’s device
identification number (VID). VID numbers are
assigned to each PCI device manufacturer by an inter-
national organization known as the PCI Special
Interest Group (SIG). This ensures PCI device unique-
ness among all manufacturers. This register defaults
to AMCC's VID during power-on initialization. The
default value can be changed to another valid VID
when an external non-volatile device is used for boot
loading.
Figure 7. Vendor Identification Register
Register Name:
Vendor Identification
Address Offset:
00h-01h
Power-up value:
10E8h (AMCC’s)
Boot-load:
External nvRAM offset 040h-41h
Attribute:
Read Only
Size:
16 Bits
Bit
Description
15.0
Vendor Identification Number: AMCC’s 16-bit value is 10E8h
10E8h
0
15
Vendor Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com