Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 32 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 32 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 36Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
32
Data Book
USER ADD-ON BUS PIN DESCRIPTIONS
The following sets of signals represent the interface pins available for the Add-On bus. The following defines three
signal groups: S5920 register access signals, Pass-Thru channel signals, and general Add-On bus signals.
Table 18. Pass-Thru Data Channel Pins
Signal
Type
Description
PTMODE
in
Pass-Thru Mode. Configures the Pass-Thru data channel operation. High configures the S5920
in Passive mode allowing other devices to read/write data bus data. Low configures the S5920 in
Active mode. This mode allows the S5920 to actively drive signals and data onto the data bus.
This signal is connected to an internal pull-up.
PTATN#
out
Pass-Thru Attention. Signals a decoded PCI to Pass-Thru region bus cycle. PTATN# is gener-
ated to signal that Add-On logic Pass-Thru data must be read from or written to the S5920.
PTBURST#
out
Pass-Thru Burst. Informs the Add-On bus that the current Pass-Thru region decoded PCI bus
cycle is a burst access.
PTRDY#/
WAIT#
in
Pass-Thru Ready/Pass-Thru Wait. During passive mode, the signal is referred to as PTRDY#
and is asserted low to indicate Add-On logic has read/written data in response to a PTATN# sig-
nal. During active mode operation, the signal is referred to as WAIT# and can be driven low to
insert wait states or hold the S5920 from clocking data onto the data bus. PTRDY# or WAIT# is
synchronous to ADCLK.
PTNUM[1:0]
out
Pass-Thru Number. Identifies which of the four Pass-Thru regions the PTATN# read/write is
requesting. Only valid for the duration of PTATN# active. 00 = Base Address Register 1, 01 =
Base Address Register 2, 10 = Base Address Register 3, 11 = Base Address Register 4.
PTBE[3:0]#
out
Pass-Thru Byte Enables. During a PCI to Pass-Thru read, PTBE[3:0] indicate which bytes of a
DWORD are to be written into. During a PCI to Pass-Thru write, these pins indicate which bytes
of a DWORD are valid to read. PTBE[3:0]# are only valid while PTATN# is asserted.
PTADR#
t/s
Pass-Thru Address. Is an input when in passive mode. When asserted, the 32-bit Pass-Thru
address register contents are driven onto the DQ[31:0] bus. All other Add-On control signals
must be inactive during the assertion of PTADR# in passive mode. In active mode, becomes an
output and indicates a Pass-Thru address is on the DQ bus. The DQMODE signal does not
affect DQ bus width while the Pass-Thru address is driven.
PTWR
out
Pass-Thru Write. This signal indicates whether the current PCI to Pass-Thru bus transaction is a
read or write cycle. Valid only when PTATN# is active.
DXFER#
out
ACTIVE Transfer complete. When in ACTIVE mode, this output is asserted at the end of every 8-
16- or 32-bit data transfer cycle. This signal is not used in Passive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com