Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 43 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 43 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 47Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
43
Data Book
REVISION IDENTIFICATION REGISTER
(RID)
This register is reserved for AMCC’s S5920 silicon
revision identification number. The register defaults to
that value after power up. Write operations from the
PCI interface have no effect on the register. User-
defined values can be boot-loaded from an optional
external non-volatile. AMCC does not recommend
changing the register value. The Sub-system Vendor
ID and/or Subsystem ID are intended for end user
information.
Figure 11. Revision Identification Register
Register Name:
Revision Identification
Address Offset:
08h
Power-up value:
00h
Boot-load:
External nvRAM/EPROM offset
048h
Attribute:
R/W
Size:
8 Bits
Bit
Description
7:0
Revision Identificaiton Number: Initialized to the S5920 silicon revision.
00h
0
7
Revision Identification Number (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com