Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
39
Data Book
PCI COMMAND REGISTER (PCICMD)
This 16-bit register provides basic control over a
device’s ability to respond to or perform PCI accesses.
This register is defined by the PCI specification and its
implementation is required of all PCI devices. Four of
the ten implemented bits are required by the S5920;
those which are not required are hardwired to 0. The
definitions for all the fields are provided here for
completeness.
Figure 9. PCI Command Register
Register Name:
PCI Command
Address Offset:
04h-05h
Power-up value:
0000h
Boot-load:
not used
Attribute:
Read/Write (R/W on 4 bits, R/O for
all others)
Size:
16 bits
X
X
0
0
0
0
X
0
X
0
Reserved = 00
0
1
2
3
4
5
6
7
8
9
15
Fast Back-to-Back
SERR# Enable
Wait Cycle Enable
PERR# Enable
Palette Snoop Enable
Memory Write and Invalidate Enable
Special Cycle Enable
Bus Master Enable
Memory Access Enable
I/O Access Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com