Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 65Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 66Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
63
Data Book
INTERRUPT PIN REGISTER (INTPIN)
This register identifies which PCI interrupt, if any, is
connected to the controller’s PCI interrupt pins. The
allowable values are 0 (no interrupts), 1 (INTA#), 2
(INTB#), 3 (INTC#), and 4 (INTD#). The default power-
up value assumes INTA#.
Figure 23. Interrupt Pin Register
Register Name:
Interrupt Pin
Address Offset:
3Dh
Power-up value:
01h
Boot-load:
External nvRAM offset 7Dh
Attribute:
Read Only
Size:
8 bits
00h
0
7
X
X
X
Pin Number
000 None
001 INTA#
010 INTB#
011 INTC#
100 INTD#
101 Reserved
11X Reserved
Reserved
(All Zeros - RO)
Bit
Value
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com