Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 55Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
59
Data Book
SUBSYSTEM ID REGISTER (SID)
This register is used to further identify the add-in board
or subsystem. It provides a mechanism for add-in card
vendors to distinguish devices with the same Vendor
ID and Device ID. Implementation of this register is
mandatory for 2.2 compliance and an all-zero value
indicates that the device does not support subsystem
identification. Subsystem ID is vendor-specific. It is
loaded by the S5920 from the external nvRAM at
power up.
Figure 20. Subsystem Identification Register
Register Name:
Subsystem Identification
Address Offset:
2Eh-2Fh
Power-up value:
0000h
Boot-load:
External nvRAM offset 6Eh-6Fh
Attribute:
Read Only (RO)
Size:
16 bit
Bit
Description
15:0
Subsystem Identification Number.
0000h
0
15
Subsystem Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com