Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
17
Data Book
AMCC’S RELIABILITY VIGIL
AMCC’s internal reliability vigil consists of three
phases:
•
New/changed processes and material qualifi-
cations
•
In-process Quality monitors
•
Periodic operating life and environmental test-
ing
New/Changed Wafer Processes and Material Quali-
fications
In order to initially release a device to production a
standard set of MIL-STD-883 tests must be completed
successfully. These tests include:
Wafer Process and Design
•
Operating Life Method 1005
•
ESD Characterization Method 3015
•
Wire Bond Pull Method 2011
•
Thermal Shock or Method 1011 or 1010 Tem-
perature Cycling
Package and Related Materials
•
Selected Subgroups of MIL-STD-883, Method
5005, Group B and D
AMCC adheres to MIL-I-38535 with regards to
changes.
If changes to production released devices are deter-
mined to be major, the appropriate qualification testing
must be successfully completed prior to change
approval.
In-Process Quality Monitors
•CV plots
•
Airborne particle count
•
Bacteria, particle count, and resistivity on DI
water
•
ESD work stations and procedures
•
In-line testing of process gases
•
Temperature and humidity control
•
SPC in wafer fabrication
•
SEM of all military lots
Periodic Operating Life and Environmental Testing
•
Performed on a product from each process
family quarterly.
•
1000 hour operating life test (minimum),
Method 5005, Group C.
•
Temperature cycling per Method 1010, 100
cycles, condition C: –65°C/150°C
•
Environmental testing per AMCC standard test
procedures. Consult factory for further details.
Final Measure and Assurance of Quality
The cost of defects depends on when the failure
occurs. For example, costs rise significantly as unde-
tected defective ICs are integrated into systems. High
quality parts cut costs substantially, and the extra qual-
ity built into every AMCC device means added value to
our customers.
To achieve maximum quality, AMCC employs 100%
testing of all devices, followed by stringent QA
sampling.
AMCC performs QA sampling measurements at full
specification temperature, both DC and AC, to achieve
the tightest AQLs in the industry.
RADIATION HARDNESS
High energy radiation can cause structural changes in
the silicon and silicon dioxide crystal lattice by displac-
ing atoms from their normal crystal sites. These
changes can be responsible for increased junction
leakage, degraded transistor current gain (b), and
increased parasitic Si/SiO2 interface leakage currents.
The damage is generally induced by neutrons, X-rays,
and gamma rays. The effects of the damage induced
by this radiation can change both AC and DC parame-
ters, affect functional performance, and, in severe
cases, destroy the device.
Certain of AMCC’s high performance products are
inherently radiation resistant. The radiation resistance
of AMCC IC’s is the result of the small geometries, the
structure of the fabrication process itself, and the use
of ECL logic within the device. Contact your AMCC
representative regarding radiation resistance charac-
teristics associated with a specific product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com