Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 81 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 81 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 77Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 78Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 79Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 80Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 81Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 82Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 83Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 84Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 85Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
81
Data Book
Table 46. Interrupt Control Status Register
Bit
Description
31:24
Reserved. Always zero.
23
Interrupt Asserted. This read-only status bit indicates that one or more interrupt conditions are present. This bit
is the OR of the interrupt sources described by bits 20, 17 and 16 of this register.
22:21
Reserved. Always zero.
20
BIST. Built-In Self-Test Interrupt. This interrupt occurs when a self test is initiated by the PCI interface by writing
to the PCI configuration register BIST. This bit will stay set until cleared by writing a 1 to this location. Self test
completion codes may be passed to the PCI BIST register by writing to the ARCR register.
19:18
Reserved. Always zero.
17
Outgoing Mailbox Interrupt. This bit can be set when the mailbox is read by the PCI interface. This bit operates
as read or write 1 clear. A write with the data as 1 will cause this bit to be reset; a write with the data as 0 will not
change the state of this bit.
16
Incoming Mailbox Interrupt. This bit can be set when the mailbox is written by the PCI interface. This bit oper-
ates as read or write 1 clear. A write with the data as 1 will cause this bit to be reset; a write with the data as 0
will not change the state of this bit.
15:13
Reserved. Always zero.
12
Enable Outgoing Mailbox Interrupt. This bit allows a PCI read of the outgoing mailbox register to produce an
Add-On interrupt. This bit is read/write.
11:10
Hardwired to 11.
9:8
Outgoing Mailbox Byte Interrupt Select. This field selects which byte of the mailbox is to cause the interrupt.
[00]b selects byte 0, [01]b selects byte 1, [10]b selects byte 2, and [11]b selects byte 3. This field is read/write.
7:5
Reserved. Always zero.
4
Enable Incoming Mailbox Interrupt. This bit allows a write from the PCI bus to the incoming mailbox register to
produce an Add-On interrupt. This bit is read/write.
3:2
Hardwired to 1.
1:0
Incoming Mailbox Byte Interrupt Select. This field selects which byte of the mailbox is to cause the interrupt. 00b
selects byte 0, 01b selects byte 2, and 11b selects byte 3. This field is read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com