Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 47 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 49Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
47
Data Book
Table 29. Base Class Code 06h: Bridge Devices
Sub-Class
Prog I/F
Description
00h
00h
Host/PCI bridge
01h
00h
PCI/ISA bridge
02h
00h
PCI/EISA bridge
03h
00h
PCI/Micro Channel bridge
04h
00h
PCI/PCI bridge
05h
00h
PCI/PCMCIA bridge
06h
00h
NuBus bridge
07h
00h
CardBus bridge
80h
00h
Other bridge type
Table 30. Base Class Code 07h: Simple Communications Controllers
Sub-Class
Prog I/F
Description
00h
00h
01h
02h
Generic XT compatible serial controller
16450 compatible serial controller
16550 compatible serial controller
01h
00h
01h
02h
Parallel port
Bidirectional parallel port
ECP 1.X compliant parallel port
80h
00h
Other communications device
Table 31. Base Class Code 08h: Base System Peripherals
Sub-Class
Prog I/F
Description
00h
00h
01h
02h
Generic 8259 PIC
ISA PIC
EISA PIC
01h
00h
01h
02h
Generic 8237 DMA controller
ISA DMA controller
EISA DMA controller
02h
00h
01h
02h
Generic 8254 system timer
ISA system timer
EISA system timers (2 timers)
03h
00h
01h
Generic RTC controller
ISA RTC controller
80h
00h
Other system peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com