Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 27 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 27 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
27
Data Book
Signal Type Definitions
Note: Tri-State® is a Registered Trademark of National Semiconductor.
The following signal types are taken from the PCI Bus Specification.
in
Input is a standard input-only signal.
out
Totem Pole Output is a standard active driver.
t/s
Tri-State ®is a bi-directional, tri-state input/output pin.
s/t/s
Sustained Tri-State is an active low tri-state signal owned and driven by one and only one agent at a time. The
agent that drives an s/t/s pin low must drive it high for at least one clock before letting it float. A new agent cannot
start driving an s/t/s signal any sooner than one clock after the previous owner tri-states it. A pull-up is required to
sustain the inactive state until another agent drives it, and must be provided by the central source.
o/d
Open Drain allows multiple devices to share as a wire-OR.
Each signal that assumes the logic low state when asserted is followed by the pound sign (#). Example: TRDY# signal is
asserted low when the target is ready to complete a data transfer. Signals that are not followed by the pound sign are
asserted when they assume the logic high state.
The following designations are used throughout this book when referring to the size of data objects:
A BYTE is an 8-bit object.
A WORD is a 16-bit, or 2-byte object.
A DWORD is a double word and is a 32-bit or 4-byte object.
All hex numbers are followed by an “h”. Examples:
9A4Fh
0110h
All binary numbers are followed by an “b”. Examples:
1010b
0110b
All decimal numbers are followed by an “d”. Examples:
4356d
1101d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com