Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 46 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 46 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 49Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 50Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
46
Data Book
01h
00h
Token ring controller
02h
00h
FDDI controller
03h
00h
ATM controller
80h
00h
Other network controller
Table 26. Base Class Code 03h: Display Controllers
Sub-Class
Prog I/F
Description
00h
00h
RAM memory controller
01h
00h
Flash memory controller
80h
00h
Other memory controller
Table 27. Base Class Code 04h: Multimedia Devices
Sub-Class
Prog I/F
Description
00h
00h
VGA-compatible controller
00h
01h
8514 compatible controller
01h
00h
XGA controller
80h
00h
Other display controller
Table 28. Base Class Code 05h: Memory Controllers
Sub-Class
Prog I/F
Description
00h
00h
Video device
01h
00h
Audio device
80h
00h
Other multimedia device
Table 25. Base Class Code 02h: Network Controllers
Sub-Class
Prog I/F
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com