Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 35 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
35
Data Book
Each PCI bus device contains a unique 256-byte region called its configuration header space. Portions of this con-
figuration header are mandatory in order for a PCI agent to be in full compliance with the PCI specification. This
section describes each of the configuration space fields—its address, default values, initialization options, and bit
definitions—and also provides an explanation of its intended usage.
1. BADR 5 is not implemented in the S5920.
Table 21. Configuration Registers
Address Offset
Abbreviation
Register Name
00h–01h
VID
Vendor Identification Register
02h–03h
DID
Device Identification Register
04h–05h
PCICMD
Command Register
06h–07h
PCISTS
Status Register
8h0
RID
Revision Identification Register
09h–0Bh
CLCD
Class Code Register
0Ch
CALN
Cache Line Size Register
0Dh
LAT
Latency Timer Register
0Eh
HDR
Header Type Register
0Fh
BIST
Built-in Self-test Register
10h–27h
BADR0-BADR5
Base Address Registers (0-5)1
28h–2Bh
–
Reserved
2Ch–2Dh
SVID
Subsystem Vendor Identification Register
2Eh–2Fh
SID
Subsystem Identification Register
30h–33h
XROM
Expansion ROM Base Address Register
34h–3Bh
–
Reserved
3Ch
INTLN
Interrupt Line Register
3Dh
INTPIN
Interrupt Pin Register
3Eh
MINGNT
Minimum Grant Register
3Fh
MAXLAT
Maximum Latency Register
40h–FFh
–
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com