Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 92 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 92 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 88Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 89Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
92
Data Book
could not use the busy bit to determine when to start a
new write, but would need to insert a delay (deter-
mined by the “shut down” time of the nvRAM, between
5-10 ms). Fortunately, the S5920 implements the
Acknowledge Polling scheme described above, which
will not take away the busy bit until the write is truly fin-
ished, and the external nvRAM is available for
accesses.
The following sequence is used to perform nvRAM
writes when accessing the RCR/ARCR in a byte-
wide fashion:
1. Verify that busy bit, RCR(31), is not set by read-
ing RCR(31). If set, hold off starting the read
sequence (repeat step 1 until this bit clears).
2. Write to RCR(31:29) = “100”, the command to
load the low address byte. This will assert the
internal signal LOAD_LOW_ADDR, which is used
to enable the loading of the low-address register
(NVRAM_LOW_ADDR).
3. Write to RCR(23:16) with the low address byte.
Since signal LOAD_LOW_ADDR is asserted, the
dat a
will
be
wri t ten
to
the
register
NVRAM_LOW_ADDR.
As
long
as
LOAD_LOW_ADDR is asserted, a write to
RCR(23:16) will continue to overwrite register
NVRAM_LOW_ADDR.
4. Write to RCR(31:29) = “101”, the command to
load the high address byte. This will assert the
internal signal LOAD_HIGH_ADDR, which is
used to enable the loading of the high-address
register (NVRAM_HIGH_ADDR).
5. Write to RCR(23:16) with the high address byte.
Since signal LOAD_HIGH_ADDR is asserted, the
dat a
will
be
wri t ten
to
the
register
NVRAM_HIGH_ADDR. Note that as the nvRAM
address is limited to 11-bits, only the 3-lsb’s of
this write data is actually used. As long as
LOAD_HIGH_ADDR is asserted, a write to
RCR(23:16) will continue to overwrite register
NVRAM_HIGH_ADDR.
6. Write to RCR(31:29) = “111”, the command to
start the nvRAM read operation. This will set the
busy bit, RCR(31). The nvRAM interface control-
ler will now initiate a read operation to the
external nvRAM.
7. Poll the busy bit until it is no longer set. Once
cleared, the read dat a will be located in
RCR (23:16). In addition, evaluate the
XFER_FAIL flag (bit 28) to determine whether the
transfer was successful or not. If XFER_FAIL is
asserted, this indicates that a transfer to the
nvRAM did not receive an ACKNOWLEDGE, and
the read data in RCR(32:16) may not be valid.
This flag remains set until the start of the next
read/write operation.
When performing a word/double-word RCR
access, you can combine the data and control in
the same command. The following is the sequence
for a write:
1. Verify that busy bit, RCR(31), is not set by read-
ing RCR(31). If set, hold off starting the write
sequence (repeat step 1 until the bit clears).
2. Write to RCR(31:29) = “100” and RCR(23:16)
with the low address byte. This will directly load
NVRAM_LOW_ADDR with RCR(23:16).
3. Write to RCR(31:29) = “101” and RCR(23:16)
with the high address byte. This will directly load
NVRAM_HIGH_ADDR with RCR(23:16).
4. Write to RCR(31:29) = “110” and RCR(23:16)
with the write data. This will directly load the write
data register with RCR(23:16). This will also set
the busy bit, RCR(31). The nvRAM interface con-
troller will now initiate a write operation to the
external nvRAM.
5. Poll the busy bit until it is no longer set. Once
cleared, it is now safe to perform another write/
read operation to the external nvRAM. In addi-
tion, evaluate the XFER_FAIL flag (bit 28) to
determine whether the transfer was successful or
not. If XFER_FAIL is asserted, this indicates that
a transfer to the nvRAM did not receive an
ACKNOWLEDGE. The write should not be con-
sidered successful. This flag remains set until the
start of the next read/write operation.
The following sequence is used for a read:
1. Verify that the busy bit, RCR(31), is not set by
reading RCR(31). If set, hold off starting the read
sequence (repeat step 1 until the bit clears).
2. Write to RCR(31:29) = “100” and RCR(23:16)
with the low address byte. This will directly load
NVRAM_LOW_ADDR with RCR(23:16).
3. Write to RCR(31:29) = “101” and RCR(23:16)
with the high address byte. This will directly load
NVRAM_HIGH_ADDR with RCR(23:16).
4. Write to RCR(31:29) = “111”. This will set the
busy bit, RCR(31). The nvRAM interface control-
ler will now initiate a read operation with the
external nvRAM.
5. Poll the busy bit until it is no longer set. Once
cleared, the read dat a will be located in
RC R(23:16). In addit i on, evaluate the
XFER_FAIL flag (bit 28) to determine whether the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com