Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 54 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 54 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 52Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 53Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 54Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 55Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 58Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
54
Data Book
Figure 17. Base Address Register - Memory
Bit
Description
31:4
Base Address Location. These bits locate the decoded region in memory space. Only bits which return a 1 after
being written as 1 are usable for this purpose. Except for Base Address Register 0, these bits are individually
enabled by the contents sourced from the external boot memory.
3
Prefetchable. When set as a 1, this bit signifies that this region of memory can be cached. Cacheable regions
can only be located within the region altered through PCI bus memory writes. This bit, when set, also implies
that all read operations will return the data associated for all bytes regardless of the Byte Enables. Memory
space which cannot support this behavior should leave this bit in the zero state. this bit is set by the reset pin
and later initialized by the external boot memory option. Base Address Register 0 always has this bit set to 0.
This bit is read only from the PCI interface. This bit has no implementation in the S5920 other than providing it
during a configuration read cycle.
2:1
Memory Type. These bits define whether the memory space is 32 or 64 bits wide and if the space location is
restricted to be within the first megabyte of memory space. The encoding is as follows:
Bits
Description
2
1
0
0
Region is 32-bits wide and can be located anywhere in 32-bit memory space.
0
1
Region is 32 bits wide and must be mapped below the first Mbytes of memory space.
1
0
Region is 64 bits wide and can be mapped anywhere within 64-bit memory space. (Not supported
by this device.)
1
1
Reserved.
2
Note: The 64-bit memory space is not supported by this device. Bit 2 is hardwired to 0. Options are restricted to
desired to memory space anywhere within 32-bit memory space or located in the first megabyte. For Base
Addresses 1 through 4, this bit is cleared by the reset pin and later initialized by the external boot memory
option.
0
Space Indicator = 0. When set to 0, this bit defines a base address region as memory space and the remaining
bits in the base address register are defined as shown in Figure 17.
Base Address
Memory Space
Indicator (RO)
Type (RO)
00 = Locate
Anywhere (32)
01 = Below 1 MB
10 = Locate Anywhere (64)
11 = Reserved
Prefetchable (RO)
0
0
0
1
2
3
4
31
0
0
Programmable (RO)
Bit
Value
30
29
x
x
D31
D30
Add-On Bus Width
0
0
Region Disable
01
8 bits
10
16 bits
11
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com