Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 94 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 94 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
94
Data Book
Figure 44. Type 0 Configuration Write Cycles
EXPANSION BIOS ROMS
This section provides an example of a typical PC-com-
patible expansion BIOS ROM. Address offsets 040h
through 07Fh represent the portion of the external nv
memory used to boot-load the S5920 controller.
Whether the expansion ROM is intended to be execut-
able code is determined by the contents of the first
three locations (starting at offset 0h) and a byte check-
sum over the defined length. The defined length is
specified in the byte at address offset 0002h. Table 2
lists each field location by its address offset, its length,
its value, and description.
The following represents the boot-load image for the
S5920 controller’s PCI configuration register:
PCI CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
IDSEL
0
12345
DEVSEL#
ADD
DATA
1011
BYTE EN
Table 50. PC Compatible Expansion ROM
Byte Offset
Byte Length (decimal)
Binary Value
Description
Example
0h
1
55h
BIOS ROM signature byte 1
55h
1h
1
AAh
BIOS ROM signature byte 2
AAh
2h
1
variable
Length in multiples of 512 bytes
01h
3h
4
variable
Entry point for INIT function.
7h-17h
17
variable
Reserved (application unique data)
18h-19h
2
variable
Pointer to PCI Data Structure
1Ah-3Fh
38
variable
user-defined
40h
2
Vendor ID
(see page 2-23)
10E8h
42h
2
Device ID
(see page 2-24)
5920h
44h
1
not used
xxh
45h
1
S5920 Special
Modes
(see page 2-89 and 2-129)
01h
46h
2
not used
xxxxh
48h
1
Revision ID
(see page 2-29)
00h
49h
3
class code
(see page 2-30)
FF0000h
4Ch
1
not used
xxh
4Dh
1
not used
xxh
4Eh
1
your header
type
(see page 2-37)
00h
4Fh
1
self-test, if
desired
(see page 2-38)
80h or 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com