Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 38 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 38 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
38
Data Book
DEVICE IDENTIFICATION REGISTER (DID)
This register is reserved for the manufacturer’s device
identification number (DID). DID numbers are main-
tained and issued by the registered owner of the VID
number programmed into a PCI device. AMCC will
issue a DID number to manufacturers using the AMCC
VID. This maintains PCI device uniqueness among all
manufacturers. to be in compliance. This register
defaults to AMCC's DID during power-on initialization.
The default value can be changed to another valid DID
when an external nonvolatile device is used for boot
loading.
Figure 8. Device Identification Register
Register Name:
Device Identification
Address Offset:
02h-03h
Power-up value:
5920h
Boot-load:
External nvRAM offset 042h-43h
Attribute:
Read Only
Size:
16 bits
Bit
Description
15.0
Device Identification Number: AMCC’s temporary end user value 5920h
5920h
0
15
Device Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com