Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 66 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 66 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 65Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 66Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 70Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
66
Data Book
OPERATION REGISTERS
All S5920 control and communications are performed
through two register groups: PCI Operation Registers
Add-On Operation Registers. Some registers in both
groups are accessible from both buses. This chapter
describes the PCI Operation Register set first and then
the Add-On Operation Register set for easier under-
standing. An access to a register common to both
buses at the same time is not allowed. Unpredictable
behavior may occur.
PCI BUS OPERATION REGISTERS
The PCI bus operation registers are mapped as 6
DWORD registers located at the address space (I/O or
memory) specified by Base Address Register 0. These
locations are the primary method of communication
between the PCI and Add-On buses. It is NOT recom-
mended to read or write from an undefined address.
The read results and write effects cannot be guaran-
teed. Table 1 lists the PCI Bus Operation Registers.
Note: Absolute register address locations are acquired by adding BADR0 to the “address offset” listed above.
Table 39. Operation Registers - PCI Bus
Address Offset
Abbreviation
Register Name
0Ch
OMB
Outgoing Mailbox Register
1Ch
IMB
Incoming Mailbox Register
34h
MBEF
Mailbox Empty/Full Status Register
38h
INTCSR
Interrupt Control/Status Register
3Ch
RCR
Reset Control Register
60h
PTCR
Pass-Thru Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com