Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 44 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 44 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 48Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
44
Data Book
CLASS CODE REGISTER (CLCD)
This 24-bit, read-only register is divided into three one-
byte fields: the base class byte at location 0Bh, the
sub-class byte at 0Ah, and the programming interface
byte at 09h. The default setting for the base class is
FFh, which indicates that the device does not fit into
the thirteen base classes defined in the PCI Bus Spec-
ification. It is possible, however, through use of the
external non-volatile memory to change the value of
this register. Refer to the PCI specification for details.
Figure 12. Class Code Register
Register Name:
Class Code
Address Offset:
09h-0Bh
Power-up value:
FF0000h
Boot-load:
External nvRAM offset 049h-4Bh
Attribute:
Read Only
Size:
24 Bits
0
7
Base Class
Sub-Class
Prog I/F
0
7
07
@0Bh
@0Ah
@09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com