Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 60 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 60 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 64Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
60
Data Book
EXPANSION ROM BASE ADDRESS REG-
ISTER (XROM)
The Expansion ROM Base Address Register provides
a mechanism for assigning a space within physical
memory for a BIOS expansion ROM. Access from the
PCI bus to the memory space defined by this register
will cause one or more accesses to the S5920 external
nvRAM interface. Since PCI bus accesses to the ROM
may be 32 bits wide, repeated read operations to the
ROM are generated, and the wider data is assembled
internal to the S5920 controller. The data is then trans-
ferred to the PCI bus by the S5920. Only memory read
cycles should be performed to this location.
Figure 21. Expansion ROM Base Address Register
Register Name:
Expansion ROM Base Address
Address Offset:
30h
Power-up value:
00000000h
Boot-load:
External nvRAM offset 70h
Attribute:
bits 31:11, bit 0 Read/Write; bits 10:1
Read Only
Size:
32 bits
Bit
Description
31:11
Expansion ROM Base Address Location. These bits are used to position the decoded region in memory space.
Only bits which return a 1 after being written as 1 are usable for this purpose. These bits are individually enabled
by the contents sourced from the external boot memory (nvRAM). The desired size for the ROM memory is
determined by writing all ones to this register and then reading back the contents. The number of bits returned
as zeros, in order from least significant to most significant bit, indicates the size of the expansion ROM. This
controller limits the expansion ROM area to 2K bytes (due to the serial nvRAMÕs limit of 11 bits of address).
The allowable returned values after all ones are written to this register are shown in Table 18.
10:1
Reserved. All zeros.
0
Address Decode Enable. The Expansion ROM address decoder is enabled or disabled with this bit. When this
bit is set, the decoder is enabled. When this bit is cleared, the decoder is disabled. It is requiredt the PCI com-
mand register (PCICMD) also have the memory decode bit enabled for this bit to have any effect. In addition,
the corresponding bit must be set in the external nvRAM (see page 2-74, Table 1). If not set, the PCI host can-
not enable/disable this Address Decode bit.
0
31
Address Decode
Enable (RW)
0 = Disabled
1 = Enabled
0
0
1
10
11
Reserved (RO)
Programmable (R/W)
Bit
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com