Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 19 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 19 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 23Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
19
Data Book
See Network Products data book or http://www.amcc.com.
See Network Products data book or http://www.amcc.com.
Table 3. HIPPI Products
Products
Function
Operating Speed
Data Path
Package
Power Supply
S2020
HIPPI Source
800 Mbit/s
32 bit
225 PGA/208 TEP
-5.2/+5V
S2021
HIPPI Destination
800 Mbit/s
32 bit
225 PGA/208 TEP
-5.2/+5V
Table 4. PCI Products
Products
Function
Description
S5920
Target PCI Interface
General Purpose PCI Bus Interface Chip
S5920DK1
Developer's Kit
Software/Hardware ISA Bus, SRAM,PLD and User Developer Kit
S5933
Master/Slave PCI Controller
General Purpose PCI Bus Controller
S5933DK1
Developer's Kit
Software/Hardware PLD and User Prototype Developer Kit
S59CD-ROM1
Software CD-ROM
S5920/S5933 Developer Kit Software Code Examples, Drivers and Utility
Programs
Table 5. SONET/SDH/ATM Products
Products
Function
Operating Speed
Data Path
Package
Power Supply
S3005
SONET/ATM/ E-4 Tx
139/155/622 Mbit/s
8:1 bit
68 LDCC 80 TEP
-4.5/5.0V
S3006
SONET/E-4 Rx
139/155/622 Mbit/s
1:8 bit
68 LDCC 80 TEP
-4.5/5.0V
S3014
Clock Recovery
155/622 Mbit/s
1 bit
44 PLCC
-5.2/+5.0V
S3015
E4/OC-3/STM-1 Tx
139/155 Mbit/s
1 bit
52 TEP
+5V
S3016
E4/OC-3/STM-1 Rx
139/155 Mbit/s
1 bit
52 TEP
+5V
S3017
SONET/SDH Tx
622 Mbit/s
8:1 bit
52 TEP
+5V
S3018
SONET/SDH Rx
622 Mbit/s
1:8 bit
52 TEP
+5V
S3019
SONET/SDH XCVR w/CDR
155/622 Mbit/s
8:1/1:8 bit
80 PQFP
+3.3V
S3025
Clock Recovery
622 Mbit/s
1 bit
20 TSSOP
+5V
S3026/27
Clock Recovery
155/622 Mbit/s
1 bit
20 TSSOP
+5V
S3028
SONET/SDH Transceiver
155/622 Mbit/s
8:1/1:8 bit
64 PQFP
+5V
S3029
Quad Transceiver
155 Mbit/s
1 bit
64 TQFP
+3.3V
S3030/31
E4/OC-3/STM-1 ATM XCVR
139/155 Mbit/s
1 bit; 4:1/1:4 bit
100 PQFP
+5V
S3032
SONET/SDH/ATM XCVR w/
CDR
155/622 Mbit/s
8:1/1:8 bit
64 PQFP
+3.3V
S3033
SONET/SDH/ATM XCVR
155/622 Mbit/s
8:1/1:8 bit
64 TQFP
+3.3V
S3035
SONET/SDH/ATM XCVR w/
Dual I/O
155/622 Mbit/s
8:1/1:8 bit
80 PQFP
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com