Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 49Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
48
Data Book
Table 32. Base Class Code 09h: Input Devices
Sub-Class
Prog I/F
Description
00h
00h
Keyboard controller
01h
00h
Digitizer (Pen)
02h
00h
Mouse controller
80h
00h
Other input controller
Table 33. Base Class Code 0Ah: Docking Stations
Sub-Class
Prog I/F
Description
00h
00h
Intel386™
01h
00h
Intel486™
02h
00h
Pentium™
10h
00h
Alpha™
40h
00h
Co-processor
Table 34. Base Class Code 0Bh: Processors
Sub-Class
Prog I/F
Description
00
00h
FireWire™ (IEEE 1394)
01h
00h
ACCESS.bus
02h
00h
SSA
03h
00h
Universal Serial Bus
04h
00h
Fibre Channel
Table 35. Base Class Code 0Ch: Serial Bus Controllers
Sub-Class
Prog I/F
Description
00h
00h
Generic docking station
80h
00h
Other type of docking station



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com