Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 11Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
11
Data Book
AMCC interface circuits, transceiver chips and
switches are designed to implement emerging network
technologies such as the ANSI Fibre Channel and
High Performance Interface (HIPPI) standards, the
ITU SONET telecommunications standard, the ATM
Forum LAN standard and IEEE Gigabit Ethernet stan-
dard. Jitter, speed, power and size are critical design
issues for all these circuits. AMCC’s devices are
based on its unique Bipolar process which has noise
isolation characteristics that enable best-in-class jitter
performances. The inherent physical structure of the
company’s process makes 1 to 3 GigaHertz (GHz)
data rates possible at low power. Consequently, the
low device power consumption of AMCC’s products
helps to minimize the cost and size of packaging.
Peripheral Component Interconnect (PCI) Bus
Controllers
Increasing bandwidth of high speed networks creates
a bottleneck at the desktop. One of the causes of this
problem is the latency associated with connection to
high speed peripheral equipment over LANs and
WANs. The 132 Megabyte per second backplane PCI
bus helps break the bottleneck.
AMCC has developed the industry’s first line of gen-
eral purpose master/slave controllers for the PCI bus.
These circuits provide a high performance single-chip
interface for add-on boards and adapter cards for
industrial, graphics, video and communications
markets.
Precision Clock and Timing Products
AMCC provides a line of high precision clock and tim-
ing standard products for exacting system designs.
AMCC has also tailored clock and timing devices to
specific customer needs for high performance clock
generation and distribution, clock synchronization and
de-skewing, frequency synthesis, and pulse shaping
applications. Offerings include low EMI, low skew
clock drivers and low jitter clock generators for high
performance server, work-station and RAMBUS™-
based applications.
Manufacturing Excellence
AMCC manufactures its own Bipolar and BiCMOS
wafers using proven processes and utilizes foundry
relationships for access to CMOS capability in its world
class fab located in San Diego. AMCC is proud of its
best-in-class status for lowest defect densities for like
sized fabs. This allows AMCC to provide a continuous,
predictable supply of product to its customers.
The Company follows a “semi-fabbed” manufacturing
strategy and has CMOS and BiCMOS foundry rela-
tion ship s in p l a c e with m a jo r d o m e stic an d
international semiconductor partners that provide for
significant additional production capacity. Wafer pur-
chases from strategic foundry partners both expand
capacity and provide alternate sources. Additional
high-volume assembly and test facilities are located
offshore.
AMCC’s “quick turn, semi-fabbed” manufacturing
approach blends together the strengths of both the
“fabbed” and “fabless” semiconductor strategies.
Fabbed advantages include the security of total in-
house control and time to market. Fabless advantages
include multiple sourcing and allows the company to
focus investment on new high performance products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com