Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 95 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 95 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 99Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
95
Data Book
50h
1
80h, 81h or 82h
(required, see page 2-39, and page 2-74,
Table 1)
80h, 81h or
82h
51h
1
FFh
(required per Table 1)
FFh
52h
1
E8h
(required per Table 1)
E8h
53h
1
10h
(required per Table 1)
10h
54h
4
base addr. #1
(see page 2-39)
00000000h
58h
4
base addr. #2
(see page 2-39)
00000000h
5Ch
4
base addr. #3
(see page 2-39)
00000000h
60h
4
base addr. #4
(see page 2-39)
00000000h
64h
4
not used
00000000h
68h
8
not used
XXh
6Ch
2
SVID
(see page 2-44)
5555h
6Eh
2
SID
(see page 2-45)
3333h
70h
4
[Expansion ROM base addr.]
(see page 2-46)
(example shows
2K bytes)
FFFFF801h
74h
8
not used
XXh
7Ch
1
Interrupt line
(see page 2-48)
0Ch
7Dh
1
Interrupt pin
(see page 2-49)
01h
7Eh
1
not used
(see page 2-48)
xxh
7Fh
1
not used
(see page 2-49)
xxh
80h Ñ
application specific
1FFh,
2FFh
3FFh etc.
Byte checksum, location dependent on
value for length field at offset 0002h.
Table 50. PC Compatible Expansion ROM (Continued)
Byte Offset
Byte Length (decimal)
Binary Value
Description
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com