Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 99 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 99 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 102Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 103Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
99
Data Book
PCI WRITE TRANSFERS
Write transfers on the PCI bus are one clock period
shorter than read transfers. This is because the
AD[31:0] bus does not require a turn-around cycle
between the address and data phases.
Write accesses to the S5920 operation registers are
shown in Figure 3. Here, the S5920 asserts the signal
STOP# in clock period 3. STOP# is asserted because
the S5920 does not support burst writes to operation
registers. Wait states may be added by the initiator by
not asserting the signal IRDY# during clock 2 and
beyond. There is only one condition where writes to
S5920 internal registers do not return TRDY# (but do
assert STOP#). This is called a target-initiated termi-
nation or target disconnect. This occurs when a write
attempt is made to a full Pass-Thru FIFO. The asser-
tion of STOP# without the assertion of TRDY#
indicates that the initiator should retry the operation
later. The S5920 will sustain a burst as long as the
FIFO is not full.
Figure 46. Burst PCI Bus Read Attempt to S5920 Reg-
isters or Expansion ROM
Figure 47. Burst PCI Bus Write of S5920 Registers
Target-Initiated Termination
There are situations where the target may end a trans-
fer prematurely. This is called “target-initiated
termination.” Target termination falls into three catego-
ries: disconnect, retry, and target abort. Only the
disconnect termination completes a data transfer.
Target Disconnects
There are many situations where a target may discon-
nect. Slow responding targets may disconnect to
permit more efficient (faster) devices to be accessed
while they prepare for the next data phase. Or a target
may disconnect if it recognizes that the next data
phase in a burst transfer is out of its address range. A
target disconnects by asserting STOP#, TRDY#, and
DEVSEL# as shown in Figures 4a and 4b. The initiator
in Figure 4a responds to the disconnect condition by
deasserting FRAME# on the following clock but does
not complete the data transfer until IRDY# is asserted.
The timing diagram in Figure 4b also applies to the
S5920.
The S5920 performs a target disconnect if a burst
access is attempted to any of its PCI Operation/Con-
figuration Registers, or to the Expansion ROM.
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
STOP#
12345
PCLK
Address
Data
Bus Cmd
Byte Enables
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
Address
Data 1
Bus
Cmd
BE 1
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
Data 2
BE 2
(I)
(I)
(I)
(T)
(T)
Data
Transfered
No Data
Transfered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com