Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 101 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 101 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 102Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 105Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
101
Data Book
Target Latency
The PCI specification requires that a selected target
relinquish the bus should an access to that target
require more than eight PCI clock periods (16 clocks
for the first data phase, 8 clocks for each subsequent
data phase). This prevents slow target devices from
potentially monopolizing the PCI bus and also allows
more accurate estimations for bus access latency.
Note that a special mode is available to the user which
will allow for this mechanism to be disabled, thus vio-
lating the PCI 2.1 Specification. If a value of 0 is
programmed into the serial nvRAM location 45h, bit 0,
target latency is ignored. In this case, the S5920 will
never issue a retry/disconnect in the event of a slow
Add-On device. This programmable bit is only pro-
vided for flexibility, and most users should leave this bit
set to 1.
nvRAM Location 45h, bit 0 = 0 : No disconnect for slow
Add-On device.
nvRAM Location 45h, bit 0 = 1 : PCI 2.1 compliant
Target Locking
It is possible for a PCI bus master to obtain exclusive
access to a target (“locking”) through use of the PCI
bus signal LOCK#. LOCK# is different from the other
PCI bus signals because its ownership may belong to
any bus master, even if it does not currently have own-
ership of the PCI bus. The ownership of LOCK#, if not
already claimed by another master, may be achieved
by the current PCI bus master on the clock period fol-
lowing the initial assertion of FRAME#. Figure 6
describes the signal relationship for establishing a
lock. The ownership of LOCK#, once established, per-
sists even while other bus masters control the bus.
Ownership can only be relinquished by the master
which originally established the lock.
PCI Bus Access Latency Components
Figure 50. Figure 5. Target-Initiated Retry
Figure 51. Figure 6. Engaging the LOCK# Signal
Bus Access Latency
REQ#
Asserted
GNT#
Asserted
FRAME#
Asserted
TRDY#
Asserted
--Arbitration Latency-- --Bus Acquisition--
Latency
--Target Latency--
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
(I)
(T)
(T)
Target Retry
Signaled
Initiator
Sequences IRDY#
+ FRAME# to return
to IDLE state
FRAME#
AD[31:0]
IRDY#
TRDY#
DEVSEL#
1
2
3
4
5
PCLK
Address
Data
(I)
(T
)
(I) Driven by Initiator
(T) Driven by Target
LOCK#
(I)
(I)
(T)
(T)
LOCK MECHANISM
AVAILABLE
LOCK
ESTABLISHED
BUS
IDLE
LOCK
MAINTAINED
TARGET
BECOMES
LOCKED
LOCK
MECHANISM
AVAI LABLE
UPON FIRST
ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com