Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  CS5920 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
4
Data Book
S5920 REGISTER ARCHITECTURE .................................................................................................................... 23
PCI Configuration Registers ............................................................................................................................ 23
PCI Bus Accessible Registers ......................................................................................................................... 23
Add-On Bus Accessible Registers ................................................................................................................... 23
SERIAL NON-VOLATILE INTERFACE ................................................................................................................ 23
S5920 Pinout ................................................................................................................................................... 24
MAILBOX OPERATION ........................................................................................................................................ 25
PASS-THRU OPERATION .................................................................................................................................... 25
Mailbox Block Diagram .................................................................................................................................... 25
Pass-Thru Block Diagram ................................................................................................................................ 26
S5920 Pin Assignment .................................................................................................................................... 28
PCI Bus Address and Data Signal ................................................................................................................... 29
PCI Bus System Signals .................................................................................................................................. 30
PCI Bus Data Transfer Control Signals ........................................................................................................... 30
PCI Bus Error Reporting Signals ..................................................................................................................... 30
ADD-ON BUS AND S5920 CONTROL SIGNALS ................................................................................................ 31
Serial nvRAM Interface Signals ....................................................................................................................... 31
Direct Mailbox Access Signals ........................................................................................................................ 31
USER ADD-ON BUS PIN DESCRIPTIONS .......................................................................................................... 32
Pass-Thru Data Channel Pins ......................................................................................................................... 32
S5920 Add-On Bus Register Access Pins ....................................................................................................... 33
Add-On Bus General Pins ............................................................................................................................... 34
Configuration Registers ................................................................................................................................... 35
VENDOR IDENTIFICATION REGISTER (VID) ..................................................................................................... 37
Vendor Identification Register ......................................................................................................................... 37
DEVICE IDENTIFICATION REGISTER (DID) ....................................................................................................... 38
Device Identification Register .......................................................................................................................... 38
PCI COMMAND REGISTER (PCICMD) ................................................................................................................ 39
PCI Command Register ................................................................................................................................... 39
PCI STATUS REGISTER (PCISTS) ...................................................................................................................... 41
PCI Status Register ......................................................................................................................................... 41
REVISION IDENTIFICATION REGISTER (RID) ................................................................................................... 43
Revision Identification Register ....................................................................................................................... 43
CLASS CODE REGISTER (CLCD) ....................................................................................................................... 44
Class Code Register ........................................................................................................................................ 44
Defined Base Class Codes .............................................................................................................................. 45
Base Class Code 00h: Early, Pre-2.0 Specification Devices ........................................................................... 45
Base Class Code 01h: Mass Storage Controllers ........................................................................................... 45
Base Class Code 02h: Network Controllers .................................................................................................... 45
Base Class Code 03h: Display Controllers ...................................................................................................... 46
Base Class Code 04h: Multimedia Devices ..................................................................................................... 46
Base Class Code 05h: Memory Controllers .................................................................................................... 46
Base Class Code 06h: Bridge Devices ............................................................................................................ 47
Base Class Code 07h: Simple Communications Controllers ........................................................................... 47
Base Class Code 08h: Base System Peripherals ........................................................................................... 47
Base Class Code 09h: Input Devices .............................................................................................................. 48
Base Class Code 0Ah: Docking Stations ........................................................................................................ 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com