Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 93 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 93 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 89Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
93
Data Book
transfer was successful or not. If XFER_FAIL is
asserted, this indicates that a transfer to the
nvRAM did not receive an ACKNOWLEDGE. The
read data in RCR(32:16) should not be consid-
ered valid. This flag remains set until the start of
the next read/write operation.
PCI BUS CONFIGURATION CYCLES
Cycles beginning with the assertion IDSEL and
FRAME# along with the two configuration command
states for C/BE[3:0] (configuration read or write)
access the selected device’s configuration space. Dur-
ing the address phase of the configuration cycle just
described, the values of AD0 and AD1 identify if the
access is a Type 0 configuration cycle or a Type 1 con-
figuration cycle. Type 0 cycles have AD0 and AD1
equal to 0 and are used to access PCI bus agents.
Type 1 configuration cycles are intended only for
bridge devices and have AD0 as a 1 with AD1 as a 0
during the address phase.
The S5920 PCI device is a bus agent (not a bridge)
and responds only to a Type 0 configuration accesses.
Figure 7 depicts the state of the AD bus during the
address phase of a Type 0 configuration access. The
S5920 controller does not support the multiple function
numbers field (AD[10:8]) and only responds to the all-0
function number value.
Figure 42. PCI AD Bus Definition Type 0 Configuration Access
The configuration registers for the S5920 PCI control-
ler can only be accessed under the following
conditions:
•
IDSEL high (PCI slot unique signal which iden-
tifies access to configuration registers) along
with FRAME# low.
•
Address bits A0 and A1 are 0 (Identifies a Type
0 configuration access).
•
Address bits A8, A9, and A10 are 0 (Function
number field of 0 supported).
•
Command bits, C/BE[3:0]# must identify a con-
figuration cycle command (101X).
Figure 8 describes the signal timing relationships for
configuration read cycles. Figure 9 describes configu-
ration write cycles.
Figure 43. Type 0 Configuration Read Cycles
00h
0
31
TYPE 0
0
0
1
2
7
8
000
10
11
REGISTER
NUMBER
XXXXXXXX - INTERNAL REGISTER
ADDRESS
(DEVICE ID, ETC.)
FUNCTION
NUMBER
RESERVED
PCI CLK
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
IDSEL
0
12345
DEVSEL#
ADD
DATA
1010
BYTE EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com